Part Number Hot Search : 
LTM450DW 103IT TXV2N72 24D300 90130 3N262 5225B NCP5810D
Product Description
Full Text Search
 

To Download B060-016-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16-port (2-user) 1u rackmount cat5 matrix kvm switch model number: B060-016-2 description tripp lite's 2-user 16-port netdirector? 1u rackmount matrix kvm switch is the optimal solution for controlling multiple computers (combination of ps/2, usb or sun) by two independent, simultaneous users. a single unit occupies a mere 1u of rack space, yet can control up to 16 directly connected computers. a maximum of 1,024 computers can be connected through a combination of daisy-chaining and cascading. rj45 connections allow signals to travel up to 150 meters away (500 ft.) using ordinary cat5 cable, while maintaining video resolution. use either ps/2 or usb console equipment to connect to ps/2, usb or sun servers. for government purchasers, B060-016-2 is compliant with the federal trade agreements act (taa) for gsa schedule purchases. constructed of heavy-duty steel housing. features three level password security: super administrator, administrator, and users superior video quality - up to 1024 x 768 @ 60hz at 500ft. auto signal compensation (asc) assures optimum video resolution for distances up to 500ft between the switch and the consoles or computers - no dip switch setting required ps/2 keyboard and mouse emulation - computers boot even when the console focus is elsewhere. keep alive feature ensures that the keyboard and mouse work properly even if the switch temporarily loses power daisy chain up to 7 additional b060-016 kvm switches no software required; convenient computer selection via intuitive hotkey combinations or on screen display (osd) menus osd port list automatically expands when stations are added - port names are automatically reconfigured when the station sequence is changed osd screen automatically adjusts to resolution changes hot pluggable; add or remove components without having to power off the switch usb and ps/2 consoles can control any combination of usb, ps/2, or sun computers lcd, vga, svga, xga, and multisync support; ddc2b rackmount hardware included highlights two consoles independently and simultaneously control up to 16 directly connected computers, or over 1,000 when additional kvms are connected multi-platform support: pc, sun or mac rackmountable in a 1u design...rackmount hardware included inexpensive cat5 cabling makes cable management a breeze; up to 500 ft. distance from console to switch and up to 500 ft. from switch to servers compliant with the federal trade agreements act (taa) for gsa schedule purchases system requirements console: the tripp lite b062-002-ps2 or b062-002-usb console interface module must be used to connect a console (keyboard, monitor and mouse) to the kvm switch computers: the tripp lite b054-001-sun , b054-001-ps2 or b054-001-usb server interface module must be used to connect a computer/server to the kvm switch package includes 1 - B060-016-2 kvm switch 1 - power cord 1 - daisy chain cable 1 - cd with owner's manual 1 set - rackmount hardware 1 / 3
rackmount hardware included lifetime firmware upgrading via flash rom compliant with the federal trade agreements act (taa) for gsa schedule purchases constructed of heavy-duty steel housing specifications overview # of users 2 console no port control hotkeys, osd max cpu 1024 pc/server vga; usb; ps/2 cat5 kvm switch yes ip remote access yes with b051-000 physical color black style 1u rackmount lcd monitor (in.) not applicable lcd monitor (cm) not applicable environmental btus 38.6 to 41.7 connections ports 16 warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. b054-001-ps2 kvm switch accessories - ps/2 server interface module for netdirector matrix kvm switches 1 b054-001-sun kvm switch accessories - sun server interface module for netdirector matrix kvm switches 1 2 / 3
b055-001-usb kvm switch accessories - usb server interface module for netdirector matrix kvm switches 1 b062-002-ps2 kvm switch accessories - ps/2 console interface module for netdirector matrix kvm switches 1 optional products model number description qty. b021-000-17 rackmount console - 1u rackmount console with 17" lcd 1 b051-000 kvm switch accessories - ip remote access unit 1 n001-003-gy 3-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-005-gy 5-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-007-gy 7-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-025-gy 25-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-050-gy 50-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 n001-100-gy 100-ft. cat5e 350mhz snagless molded cable (rj45 m/m) - gray 1 p770-013 13-ft. kvm switch daisychain cable for b060 kvms 1 p770-06m 20-ft. (6m) kvm switch daisychain cable for b060 kvms 1 p770-10m 33-ft. (10m) kvm switch daisychain cable for b060 kvms 1 wext-kvm-b1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B060-016-2 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B060-016-2


▲Up To Search▲   

 
Price & Availability of B060-016-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X